Part Number Hot Search : 
SB5100L TW2819 MX019 2N2222 C1514 MA3X787 LS5060B 74HCT40
Product Description
Full Text Search
 

To Download 7810F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7810F rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ??? voltage regulator in a to-220f plastic package. ?? 1.5a, ??? 3-terminal regulators ,output current up to 1.5a, internal thermal ov erload protection and short-circuit limiting. ? voltage regulator. ? / ?? / equivalent circuit or application circuit pin1 in pin 2 gnd pin 3 out ? / marking ?? see marking instructions / descriptions / features ? / applications / pinning 1 3 2
7810F rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit input voltage v i 35 v thernal resistance junction-ambient r ja 50 /w thernal resistance junction-case r jc 5.0 /w operating junction temperature range t opr 0 125 storage temperature range t stg -65 150  parameter symbol test conditions ? min ? typ ? max unit output voltage v o t j =25 9.6 10 10.4 v v i =12.5v-26v io=5ma-1a po 15w 9.5 10 10.5 v load regulation vo t j =25 io=5.0ma-1.5a 200 mv t j =25 io=250ma-750ma 100 mv line regulation vo t j =25 v i =12.5v-26v 200 mv t j =25 v i =13.5v-19v 100 mv quiescent current iq t j =25 8.0 ma quiescent current change iq v i =12.5v-26v 1.0 ma io=5.0ma-1.0a 0.5 ma output voltage drift vo/ t io=5.0ma -1.0 mv/ output noise voltage en b=10hz-100khz t j =25 70 v/vo supply voltage rejection svr v i =13v-23v f=120hz 55 db dropout voltage vd io=1a t j =25 2.0 v output resistance ro f=1khz 17 m ? short circuit current isc v i =35v t j =25 0.40 a short circuit peak current iscp t j =25 2.2 a ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
7810F rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
7810F rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
7810F rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? 7810F  ??? ****  ???? note: br: company code. 7810F: product type. ****: lot no. code, code change with lot no. br 7810F ****
7810F rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm3) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 ?? / notices


▲Up To Search▲   

 
Price & Availability of 7810F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X